Part Number Hot Search : 
2SK22 MRF8S C2634 DS3019 AD558J GH500 20CTQ030 HF321
Product Description
Full Text Search
 

To Download SSD3055-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente ssd3055 18a , 30v , r ds(on) 22 ? n-ch enhancement mode power mosfet 30-apr-2012 rev. b page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. a c d n o p g e f h k j m b to-252(d-pack) 3055 ???? ? rohs compliant product a suffix of ?-c? specifies halogen free description the ssd3055 is the highest performance trench n-ch mosfets with extreme high cell density , which provide excellent r ds(on) and gate charge for most of the synchronous buck converter applications . features ? advanced high cell density trench technology ? super low gate charge ? excellent cdv/dt effect decline ? 100% eas guaranteed ? green device available marking package information package mpq leader size to-252 2.5k 13 inch absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol rating unit drain-source voltage v ds 30 v gate-source voltage v gs 20 v t c =25c 18 a continuous drain current @v gs =10v 1 t c =100c i d 10 a pulsed drain current 2 i dm 60 a total power dissipation 4 t c =25c p d 25 w single pulse avalanche energy 3 e as 72 mj single pulse avalanche current i as 21 a operating junction and st orage temperature range t j , t stg -55~150 c thermal resistance rating maximum thermal resistance junction-ambient 1 r ja 110 c / w maximum thermal resistance junction-case 1 r jc 5 c / w ? ? gate ? ? source ? ? drain date code millimete r millimete r ref. min. max. ref. min. max. a 6.35 6.80 j 2.30 ref. b 5.20 5.50 k 0.64 0.90 c 2.15 2.40 m 0.50 1.1 d 0.45 0.58 n 0.9 1.65 e 6.8 7.5 o 0 0.15 f 2.40 3.0 p 0.43 0.58 g 5.40 6.25 h 0.64 1.20
elektronische bauelemente ssd3055 18a , 30v , r ds(on) 22 ? n-ch enhancement mode power mosfet 30-apr-2012 rev. b page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t j =25c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions static drain-source breakdown voltage bv dss 30 - - v v gs =0, i d = 250 a breakdown voltage temperature coefficient bv dss / t j - 0.023 - v/c reference to 25c, i d =1ma gate-threshold voltage v gs(th) 1 - 2.5 v v ds =v gs , i d =250 a forward transconductance g fs - 21.6 - s v ds =5v, i d =15a gate-source leakage current i gss - - 100 na v gs = 20v t j =25c - - 1 v ds =24v, v gs =0 drain-source leakage current t j =55c i dss - - 5 a v ds =24v, v gs =0 - - 22 v gs =10v, i d =15a static drain-source on-resistance 2 r ds(on) - - 35 m ? v gs =4.5v, i d =10a total gate charge 2 q g - 6.2 - gate-source charge q gs - 2.4 - gate-drain (?miller?) change q gd - 2.5 - nc i d =15a v ds =15v v gs =4.5v turn-on delay time 2 t d(on) - 3 - rise time t r - 7.6 - turn-off delay time t d(off) - 21 - fall time t f - 4 - ns v ds =15v i d =15a v gs =10v r g =3.3 ? r d =1.9 ? input capacitance c iss - 572 - output capacitance c oss - 81 - reverse transfer capacitance c rss - 65 - pf v gs =0 v ds =15v f =1.0mhz guaranteed avalanche characteristics single pulse avalanche energy 5 eas 16 - - mj v dd =25v, l=0.1mh, i as =10a source-drain diode diode forward voltage 2 v sd - - 1.2 v i s =1a, v gs =0 , t j =25c, continuous source current 1,6 i s - - 18 a pulsed source current 2,6 i sm - - 60 a v d =v g =0, force current notes: 1. the data tested by surface mounted on a 1 inch2 fr-4 board with 2 oz copper. 2. the data tested by pulsed , pulse width Q 300 s , duty cycle Q 2% 3. the eas data shows max. rating . the test condition is v dd =25v,v gs =10v,l=0.1mh,i as =17.8a 4. the power dissipation is limited by 150c, junction temperature 5. the min. value is 100% eas tested guarantee. 6. the data is theoretically the same as i d and i dm , in real applications , should be limited by total power dissipation.
elektronische bauelemente ssd3055 18a , 30v , r ds(on) 22 ? n-ch enhancement mode power mosfet 30-apr-2012 rev. b page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
elektronische bauelemente ssd3055 18a , 30v , r ds(on) 22 ? n-ch enhancement mode power mosfet 30-apr-2012 rev. b page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SSD3055-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X